Part Number Hot Search : 
64AI12FA W24512A 25L80 220M4 220M4 IF2403S MAX41 MA558
Product Description
Full Text Search
 

To Download CS412099C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  powerex, inc., 173 pavilion lane , youngwood, pennsylvania 15697 (724) 925 - 7272 pow - r - blok tm http://www.pwrx.com single & dual diode isolated module 100 amperes / 2000 to 25 00 volts revision date: 0 5 / 2 0 /201 3 cd41__99c, cs41__99c cc41__99c, cn41__99c ? outline dimensions dimension inches millimeters a 3.62 92 b 0.83 21 c 3.15 80 d 1.18 30 f 0.83 21 g 0.79 20 h 0.79 20 k 0.24 6.2 l 0.63 16 m 0.51 13 n 0.33 8.5 u m5 m5 note: dimensions are for reference only. ordering information : select the complete nine digit module part number from the table below. example: cd412099c is a 2000volt, 100 ampere dual diode isolated pow - r - blok tm module type voltage volts (x100) current amperes version cd41 cs41 cc41 cn41 20 22 24 25 99 (100 a) c cd41__99c, cs41_99c, cc41__99c, cn41_99c single & dual diode isolated pow - r - blok tm module 100 amperes / 2000 to 25 00 volts description: powerex single and dual diode modules are designed for use in applications requiring rectification and isolated packaging. the modules are isolated for easy mounting with other components on a common heatsink. features: ? electrically isolated heatsin king ? compression bonded construction ? low thermal impedance for improved current capability ? rohs compliant ? ul recogni zed (e78240) benefits: ? no additional insulation components required ? easy installation ? no clamping components required ? reduce engineering time applications: ? power supplies ? bridge circuits ? ac & dc motor drives ? battery supplies ? large igbt circuit front ends ? lighting control ? heat & temperature control ? welders
powerex, inc., 173 pavilion lane , youngwood, pennsylvania 15697 (724) 925 - 7272 pow - r - blok tm http://www.pwrx.com single & dual diode isolated module 100 amperes / 2000 to 25 00 volts revision date: 0 5 / 2 0 /201 3 cd41__99c, cs41__99c cc41__99c, cn41__99c ? absolute maximum ratings characteristics conditions symbol units repetitive peak reverse blocking voltage v rrm up to 25 00 v non - repetitive peak reverse blocking voltage (t < 5 msec) v rsm v rrm + 1 00 v rms forward current 180 conduction, t c = 101 c i f (rms) 1 57 a average forward current 180 conduction, t c = 101 c i f (av) 100 a peak one cycle surge current, non - repetitive 5 0 hz, 60 % v rrm reapplied, t j =1 50 c i f sm 2,600 a i 2 t for fusing for one cycle, 10 milliseconds 50 hz, 60% v rrm reapplied, t j =1 50 c i 2 t 34,400 a 2 sec operating temperature t j - 40 to +1 50 c storage temperature t stg - 40 to +1 50 c max. mounting torque, m5 mounting screw on terminals 3 5 4 in. - lb. nm max. mounting torque, module to heatsink 53 6 in. - lb. nm module weight, typical 160 g 5.64 oz. v isolation @ 25c 50 C 60 hz, 1 minute 50 C 60 hz, 1 second v rms 25 00 3000 v v information presented is based upon manufacturers testing and projected capabilities. this information is subject to change without notice. the manufacturer makes no claim as to the suitability of use, reliability, capability, or future availability of this product.
powerex, inc., 173 pavilion lane , youngwood, pennsylvania 15697 (724) 925 - 7272 pow - r - blok tm http://www.pwrx.com single & dual diode isolated module 100 amperes / 2000 to 25 00 volts revision date: 0 5 / 2 0 /201 3 cd41__99c, cs41__99c cc41__99c, cn41__99c ? electrical characteristics, t j =25 c unless otherwise specified characteristics symbol test conditions min. max. units repetitive peak reverse leakage current i rrm up to v rrm , t j =1 50 c 12 ma peak on - state voltage v f m i f m = 33 0a 1. 6 5 v threshold voltage, low - level slope resistance, low - level v (to)1 r t1 t j = 1 50 c, i = 16.7% x ? i t(av) to ? i t(av) 0. 8 5 1. 88 v m thermal characteristics characteristics symbol max. units thermal resistance, junction to case dc operation r j - c per junction, both conducting 0. 35 c/w thermal resistance, case to sink lubricated r c - s per module 0.1 5 c/w
powerex, inc., 173 pavilion lane , youngwood, pennsylvania 15697 (724) 925 - 7272 pow - r - blok tm http://www.pwrx.com single & dual diode isolated module 100 amperes / 2000 to 25 00 volts revision date: 0 5 / 2 0 /201 3 cd41__99c, cs41__99c cc41__99c, cn41__99c ? 0 0.05 0.1 0.15 0.2 0.25 0.3 0.35 0.4 0.001 0.01 0.1 1 10 100 thermal impedance - rjc - c/w time - t - seconds maximum transient thermal impedance (junction to case) 15 30 60 90 120 180 0 20 40 60 80 100 120 140 160 0 20 40 60 80 100 120 maximum power dissipation per diode - watts average on - state current - if(av) - amperes maximum on - state power dissipation (sinusoidal waveform) 0 1 2 3 4 5 10 100 1000 10000 on - state voltage - vfm - volts instantaneous on - state current - ifm - amperes maximum on - state forward voltage drop ( tj = 150 c ) 15 30 60 90 120 180 80 90 100 110 120 130 140 150 0 20 40 60 80 100 120 max. case temperature - tcase - c average on - state current - if(av) - amperes maximum allowable case temperature (sinusoidal waveform) 15 30 60 90 120 180 270 360 (dc) 70 80 90 100 110 120 130 140 150 0 20 40 60 80 100 120 140 160 180 200 max. case temperature - tcase - c average on - state current - if(av) - amperes maximum allowable case temperature (rectangular waveform) 15 30 60 90 120 180 270 360 0 50 100 150 200 250 0 20 40 60 80 100 120 140 160 180 200 maximum power dissipation per diode - watts average on - state current - if(av) - amperes maximum on - state power dissipation (rectangular waveform)
powerex, inc., 173 pavilion lane , youngwood, pennsylvania 15697 (724) 925 - 7272 pow - r - blok tm http://www.pwrx.com single & dual diode isolated module 100 amperes / 2000 to 25 00 volts revision date: 0 5 / 2 0 /201 3 cd41__99c, cs41__99c cc41__99c, cn41__99c ? 6 - pulse bridge circuit total power dissipation vs maximum rated output current six - pulse bridge circuit total power dissipation and maximum rated output current with sink to ambient resistance of heatsink as a parameter. 0 100 200 300 400 500 600 700 800 0 50 100 150 200 250 300 total power dissipation (w) bridge output current (a) 0.08 0.10 0.12 0.15 0.20 0.30 0.40 0.60 0.80 1 2 0 100 200 300 400 500 600 700 800 0 20 40 60 80 100 120 140 160 total power dissipation (w) ambient temperature ( c) r s - a ( c/w)


▲Up To Search▲   

 
Price & Availability of CS412099C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X